PART |
Description |
Maker |
EIC256S08D01-100D EIC256S08C01-085D EIC256S08C01-1 |
3.3V Full Duplex, 20Mbps With Enable, IEC61000 ESD Protected, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 10-MSOP 3.3V Full Duplex, 500kbps Slew Rate Limited With Enable, IEC61000 ESD Protected, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 10-MSOP 3.3V Full Duplex, 500kbps Slew Rate Limited, IEC61000 ESD Protected, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 8-SOIC x8的SRAM 3.3V Full Duplex, 500kbps Slew Rate Limited, IEC61000 ESD Protected, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 8-MSOP 3.3V Full Duplex, 20Mbps With Enable, IEC61000 ESD Protected, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 10-MSOP
|
Advanced Micro Devices, Inc.
|
ADM2490E |
High Speed ESD Protected Full-Duplex iCoupler® Isolated RS-485 Transceiver
|
Analog Devices
|
ENC151D-14A ENC201D-14A ENC361D-14A ENC221D-14A EN |
Adjustable Quad Sequencer; Temperature Range: -40°C to 85°C; Package: 14-SOIC 5V, Full Duplex, 250kbps Slew Rate Limited With Enable, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 14-PDIP ±15kV ESD Protected, 3V To 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 18-SOIC 5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability; Temperature Range: -40°C to 85°C; Package: 5-SOT-23 T&R 5V, Full Duplex, 5Mbps With Enable, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch; Temperature Range: -40°C to 85°C; Package: 16-TSSOP Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch; Temperature Range: -40°C to 85°C; Package: 16-TSSOP 性病检验手 STD MOV 性病检验手 Dual LDO with Low Noise, Very High PSRR, and Low IQ; Temperature Range: -40°C to 85°C; Package: 10-DFN 性病检验手 5V, Full Duplex, 250kbps Slew Rate Limited With Enable, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 14-PDIP 性病检验手 5V, Full Duplex, 5Mbps With Enable, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R 性病检验手
|
Fuji Electric Holdings Co., Ltd. HIROSE ELECTRIC Co., Ltd.
|
SP490 |
Full Duplex RS-485 Transceivers(?ㄥ?宸ヒS-485?跺????涓?甫?跺?浣胯?锛?
|
|
MAX1486CUB-T MAX1481EUB |
Software-Selectable, Half-/Full-Duplex, Slew-Rate-Limited, 12Mbps, RS-485/RS-422 Transceivers in µMAX Package LINE TRANSCEIVER, PDSO10
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
ATA5823 MICRF600 MICRF600TR |
902-928MHz ISM Band Transceiver Module From old datasheet system UHF ASK/FSK multi-channel half-duplex and full-duplex transceiver
|
MICREL[Micrel Semiconductor]
|
DMN601DWK07 DMN601DWK-7 |
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR 3.3V, Full Duplex, 10Mbps, EIA RS-485 Transceiver 305 mA, 60 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Diodes Incorporated http:// Diodes, Inc.
|
SP490E SP490ECN SP490ECP SP490EEN SP490EEP SP491E |
Enhanced Full Duplex RS-485 Transceivers
|
SIPEX[Sipex Corporation]
|
MAX13487EESA |
Half-Duplex RS-485-/RS-422-Compatible Transceiver with AutoDirection Control LINE TRANSCEIVER, PDSO8
|
Maxim Integrated Products, Inc.
|
ADM1491E ADM1491EBRMZ ADM1491EBRMZ-REEL7 ADM1491EB |
16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
|
http:// Analog Devices
|
|